PART |
Description |
Maker |
SI2304-TP |
2500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
MICRO COMMERCIAL COMPONENTS
|
SSM3K02T |
High Speed Switching Applications 2500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Toshiba Corporation Toshiba Semiconductor
|
BLF6G27LS-75 BLF6G27-75 |
Product description75 W LDMOS power transistor for base station applications at frequencies from 2500 MHz to 2700 MHz WiMAX power LDMOS transistor S BAND, Si, N-CHANNEL, RF POWER, MOSFET 75 W LDMOS power transistor for base station applications at frequencies from 2500 MHz to 2700 MHz. BLF6G27-75<SOT502A (LDMOST)|<<http://www.nxp.com/packages/SOT502A.html<1<Always Pb-free,;
|
NXP Semiconductors N.V.
|
IXLF19N250A |
High Voltage IGBT 19 A, 2500 V, N-CHANNEL IGBT
|
IXYS, Corp.
|
ZAPD-2-252 |
Power Splitter/Combiner 2 Way-0 50Ω 5 to 2500 MHz Power Splitter/Combiner 2 Way-0 50惟 5 to 2500 MHz Power Splitter/Combiner 2 Way-0 50ヘ 5 to 2500 MHz
|
Mini-Circuits
|
NTD4815NT4G |
Power MOSFET 30 V, 35 A, Single N-Channel, DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 6.9 A, 30 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
NTD5407NT4G |
Power MOSFET 40 V, 38 A, Single N-Channel, DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 7.6 A, 40 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
MAAV-007087-000100 MAAV-007087-0001TB MAAV-007087- |
900 MHz - 2500 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.5 dB INSERTION LOSS-MAX Voltage Variable Attenuator 900 - 2500 MHz
|
Tyco Electronics
|
NTD6600N NTD6600N-1 NTD6600N-1G NTD6600NT4 NTD6600 |
Power MOSFET 100 V, 12 A, N−Channel, Logic Level DPAK Power MOSFET 100 V, 12 A, N-Channel, Logic Level DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 12 A, 100 V, 0.146 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
C781PN C781 C781L C781LA C781PB C781PD C781PM |
Phase Control SCR 2500 Amperes Average 2100 Volts 4820 A, 1200 V, SCR Phase Control SCR 2500 Amperes Average 2100 Volts 相位控制晶闸管二五○○安培平100伏特 Phase Control SCR 2500 Amperes Average 1600-2100 Volts
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors] Powerex Power Semicondu...
|
|